Part Number Hot Search : 
SA22AG C16F63 UNIFOX M3E21XPA 1N973 ZM4750 M50AC N111195
Product Description
Full Text Search
 

To Download MS3V-T1R75KHZ-20PPM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  32.76800 38.40000 75.00000 76.80000 77.50000 tel: +44 1460 256 100 fax: +44 1460 256 101 e-mail: sales@golledge.com web: www.golledge.com sm crystal ms3v 09 oct 2009 option codes 
                        features  unique square profile case for pick & place  low cost  large stocks held at all times  miniature size for high density applications  high shock & vibration resistance  wide temperature range ms3v product parameters product name + termination + frequency + calibration tol. eg: ms3v-t1r 32.768khz 20ppm (standard) option code x (eg ms3v-t1r/x) denotes a custom spec. ordering information  standard.  optional - please specify required code(s) when ordering scale 3:1 specifications  available on t&r - 2k or 9k pcs per reel.  refer to our website for t&r and soldering details.  specifications vary by frequency. specifications shown are for 32.768khz. frequencies in khz standard frequencies termination: gold flashed leads, 1.00mm pitch  t1r frequency range: 32.768khz  32.0 ~ 200khz  specify calibration tolerance: 20ppm  30ppm  specify 100ppm  specify operating temperature range: -40 to +85 c  storage temperature range: -55 to +125 c  circuit condition: 7pf  specify 9pf  specify 12.5pf  other values  specify static capacitance (c 0 ): 0.9pf typ  motional capacitance (c 1 ): 2.1ff typ  equivalent series resistance: 65k  max @ 25 c  90k  max after reflow  ageing: 3ppm max first year  drive level: 1.0w max  turnover temperature (t 0 ): +25 c 5 c  frequency / temp coefficient: -0.035ppm/ c 2 10% typ  shock resistance: 5ppm max 5,000g, 0.3ms, ? sine  vibration resistance: 5ppm max 20g rms 10.0 ~ 2,000hz  soldering conditions: 260 c, 20sec max 


▲Up To Search▲   

 
Price & Availability of MS3V-T1R75KHZ-20PPM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X